PART |
Description |
Maker |
FIN1101K8 |
LINE TRANSCEIVER, PDSO8
|
FAIRCHILD SEMICONDUCTOR CORP
|
HIN211ACB HIN232ACB HIN241ACA HIN211ACB-T HIN233AC |
LINE TRANSCEIVER, PDSO28 LINE TRANSCEIVER, PDSO16 LINE TRANSCEIVER, PDSO20 LINE TRANSCEIVER, PDIP20
|
HARRIS SEMICONDUCTOR
|
LINEARTECHNOLOGYCORP-LT1138CN LT1137IJ LT1137MJ LT |
LINE TRANSCEIVER, CDIP28 LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDIP24 LINE TRANSCEIVER, CDIP24
|
LINEAR TECHNOLOGY CORP
|
SY10EP16UZGTR SY100EP16U |
LINE TRANSCEIVER, PDSO8 LEAD FREE, SOIC-8 2.5/3.3V Precision ECL Differential Receiver/Driver
|
Micrel Semiconductor, Inc.
|
LTC2851HS8TRPBF LTC2851CDDTRPBF LTC2852HSTRPBF LTC |
3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 14; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO14 3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C
|
Linear Technology, Corp. Glenair, Inc. LINEAR TECHNOLOGY CORP
|
LTC2856IDD-1 LTC2857IDD-1 LTC2858IDD-1 LTC2856HDD- |
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
|
Linear Technology, Corp.
|
HIN213ECA HIN233ECB |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO20
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
MAX1480E-MAX1490E MAX1490EBEPG MAX1480E MAX1480E_M |
"?à15kV ESD-Protected, Isolated RS-485/RS-422 Data Interfaces" LINE TRANSCEIVER|HYBRID|1 DRIVER|1 RCVR|DIP|28PIN|PLASTIC LINE TRANSCEIVER, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. RS-485
|
HI-8281 HI-8281CJI HI-8281CJT HI-8281PJI HI-8281PJ |
ARINC 429 LINE DRIVER AND DUAL RECEICER LINE TRANSCEIVER, PQCC44 ARINC 429 LINE DRIVER AND DUAL RECEICER LINE TRANSCEIVER, CQCC44 256 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN SIGN, MAN RIGHT, ARROW DOWN, 150X300; RoHS Compliant: NA
|
Holt Integrated Circuits, Inc. HOLTIC[Holt Integrated Circuits]
|
ASM3P2872AG-08TT ASM3I2872A-06OR ASM3I2872A-08SR A |
Replaced by SN74LV273A : Octal D-Type Flip-Flop With Clear 20-SSOP -40 to 85 30 MHz, OTHER CLOCK GENERATOR, PDSO8 Octal Bus Transceiver With 3-State Outputs 20-VQFN -40 to 85 30 MHz, OTHER CLOCK GENERATOR, PDSO8 Low Power Peak EMI Reducing Solution 30 MHz, OTHER CLOCK GENERATOR, PDSO8 PWR SPLY SWITCHING 5V 3.8A Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|